Part Number Hot Search : 
S1D13 KBPC2501 CSC1220A MAX6795 1N4746A 74AC10SC P0618 565RT
Product Description
Full Text Search
 

To Download ART2815T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  09/09/02 www.irf.com 1 advanced analog hybrid - high reliability radiation hardened dc/dc converter art28xxt series description  total dose > 100krad (si), 2:1margin  see hard to let = 83 mev . cm 2 /mg  designed to mil-prf-38534 for space  derated per mil-std-975 & mil-std-1547  output power range 3 to 30 watts  19 to 50 volt input range  input undervoltage lockout  high electrical efficiency > 80%  full performance from -55c to +125c  continuous short circuit protection  12.8 w / in 3 output power density  true hermetic package  external inhibit port  externally synchronizable  fault tolerant design  5v, 12 or 15 volts outputs available features art 28v input, three output the art series of three output dc/dc converters are designed specifically for use in the hostile radiation environments characteristic of space and weapon sys- tems. the extremely high level of radiation tolerance inherent in the art design is the culmination of exten- sive research, thorough analysis and testing and of careful component specification. many of the best cir- cuit design features characterizing the advanced ana- log standard product line were adapted for incorpora- tion into the art topology. capable of uniformly high performance over long term exposures in radiation in- tense environments, this series sets the standard for distributed power systems demanding high perfor- mance and reliability. the art converters are hermetically sealed in a rug- ged, low profile package utilizing copper core pins to minimize resistive dc losses. long-term hermeticity is assured through use of parallel seam welded lid at- tachment along with advanced analog?s rugged ce- ramic pin-to-package seal. axial orentation of the leads facilitates preferred bulkhead mounting to the principal heat-dissipating surface. manufactured in a facility fully qualified to mil-prf- 38534, these converters are fabricated utilizing dssc qualified processes, and are fully compliant to class h while being fully processed to the requirements speci- fied for space. complete pi & ci testing has been com- pleted including group c life test. variations in electri- cal, mechanical and screening specifications can be accommodated. contact advanced analog for special requirements. pd - 94529a
2 www.irf.com art28xxt series for notes to specifications, refer to page 3 input voltage -0.5v to 80v input voltage range 19v to 60v minimum output current 5% maximum rated 19v to 50v for full derating current, any output to mil-std-975 soldering temperature 300c for 10 seconds output power range 3w to 30 w storage temperature -65c to +135c operating temperature -55c to +125c absolute maximum/minimum ratings note1 recommended operating conditions note 2 specifications electrical performance -55c < t case < +125c, v in =28v, c l =0 unless otherwise specified. -55c to +85c for full derating to mil-std-975 parameter symbol conditions min max units output voltage accuracy v out i out = 1.5adc, t c = +25 c (main) i out = 250madc, t c = +25 c art2812(dual) i out = 250madc, t c = +25 c art2815(dual) 4.95 11.50 14.50 5.05 12.50 15.15 vdc output power note 5 p out 19 vdc< v in < 50vdc 3 30 w output current note 5 i out (main) 19 vdc< v in < 50vdc (dual) 150 75 3000 750 madc line regulation note 3 vr line 150 madc < i out < 3000 madc (main) 19 vdc< v in < 50vdc 75 madc < i out < 750 madc (dual) -15 -60 +15 +60 mv load regulation note 4 vr load 150 madc < i out < 3000 madc (main) 19 vdc< v in < 50vdc 75 madc < i out < 750 madc (dual) -180 -300 +180 +300 mv cross regulation note 8 vr cross (main) 19 vdc< v in < 50vdc (dual) -10 -500 +10 +500 mv total regulation vr all conditions of line, load, (main) cross regulation, aging, temperature and radiation art2812(dual) art2815(dual) 4.8 11.1 13.9 5.2 12.9 16.0 v input current i in i out = minimum rated, pin 3 open pin 3 shorted to pin 2 (disabled) 250 8 ma output ripple voltage note 6 v rip 19 vdc< v in < 50vdc i out = 3000 madc (main), 500 madc (dual) 100 mv p.p input ripple current note 6 i rip 19 vdc< v in < 50vdc i out = 3000 madc (main), 500 madc (dual) 150 ma p.p switching frequency f s sychronization input open. (pin 6) 225 275 khz efficiency eff i out = 3000 madc (main), 500 madc (dual) 80 %
www.irf.com 3 art28xxt series electrical performance (continued) 1. operation outside absolute maximum/minimum limits may caus e permanent damage to the device. extended operation at the limit s may permanently degrade performance and affect reliability. 2. device performance specified in electrical performance table is guaranteed when operated within recommended limits. operati on outside recommended limits is not specified. 3. parameter measured from 28v to 19 v or to 50v while loads remain fixed. 4. parameter measured from nominal to minimum or maximum load conditions while line remains fixed. 5. up to 750 ma is available from the dual outputs provided the total output power does not exceed 30w. 6. guaranteed for a bandwidth of dc to 20mhz. tested using a 20khz to 2mhz bandwidth. 7. load current is stepped for output under test while other outputs are fixed at half rated load. 8. load current is fixed for output under test while other output loads are varied for any combination of minimum to maximum. 9. a capacitive load of any value from 0 to the specified maximum is permitted without comprise to dc performance. a capacitiv e load in excess of the maximum limit may interfere with the proper operation of the converter?s short circuit protection, causing erratic behavior dur ing turn on. 10. parameter is tested as part of design characterization or after design or process changes. thereafter, parameters shall be guaranteed to the limits specified in the table. 11. load transient rate of change, di/dt 2 a/sec. 12. recovery time is measured from the initiation of the transient to where v out has returned to within 1% of its steady state value. 13. line transient rate of change, dv/dt 50 v/sec. 14. turn on delay time is for either a step application of input power or a logical low to high transition on the enable pin (p in 3) while power is present at the input. notes to specifications parameter symbol conditions min max units enable input open circuit voltage drive current (sink) voltage range 3.0 -0.5 5.0 0.1 50.0 v ma v synchronization input frequency range pulse high level pulse low level pulse rise time pulse duty cycle external clock signal on sync. input (pin 4) 225 4.5 -0.5 40 20 310 10.0 0.25 80 khz v v v/ s % power dissipation, load fault p d short circuit, any output 7.5 w output response to step load changes notes 7, 11 v tld 10% load to/from 50% load 50% load to/from 100% load -200 -200 200 200 mv pk recovery time from step load changes notes 11, 12 t tld 10% load to/from 50% load 50% load to/from 100% load 200 200 s output response to step line changes notes 10, 11 v tln i out = 3000 madc (main) v in = 19 v to/from 50 v i out = 500 madc (dual) -350 -1050 350 1050 mv pk recovery time from step line changes notes 10, 11,13 t tln i out = 3000 madc (main) v in = 19 v to/from 50 v i out = 500 madc (dual) 500 500 s turn on overshoot v os (main) i out = minimum and full rated (dual) 500 1500 mv turn on delay note 14 t dly i out = minimum and full rated 5 20 ms capacitive load notes 9, 10 cl (main) no effect on dc performance (dual) 500 100 f isolation iso 500vdc input to output or any pin to case (except pin 12) 100 m ?
4 www.irf.com art28xxt series group a tests v in = 28volts, c l =0 unless otherwise specified. notes to group a test table 1. parameter verified during dynamic load regulation tests. 2. guaranteed for dc to 20 mhz bandwidth. test conducted using a 20khz to 2mhz bandwidth. 3. load current is stepped for output under test while other outputs are fixed at half rated load. 4. each output is measured for all combinations of line and load. only the minimum and maximum readings for each output are re corded. 5. load step transition time 10s. 6. recovery time is measured from the initiation of the transient to where v out has returned to within 1% of its steady state value. 7. turn on delay time is tested by application of a logical low to high transition on the enable pin (pin 3) with power present at the input. 8. subgroups 1 and 4 are performed at +25oc, subgroups 2 and 5 at -55oc and subgroups 3 and 6 at +125oc. test symbol conditions unless otherwise specified group a subgroups min max units output voltage accuracy v out i out = 1.5 adc (main) i out = 250madc art2812(dual) i out = 250madc art2815(dual) 1, 2, 3 1, 2, 3 1, 2, 3 4.95 11.70 14.50 5.05 12.30 15.15 v output power note 1 p out v in = 19 v, 28v, 50 v 1, 2, 3 3 30 w output current note 1 i out (main) v in 19 v, 28v, 50 v (dual) 1, 2, 3 1, 2, 3 150 75 3000 500 ma output regulation note 4 vr i out = 150, 1500, 3000madc (main) v in = 19 v, 28v, 50 v i out = 75, 310, 625madc 2812(dual) i out = 75, 250, 500madc 2815(dual) 1, 2, 3 1, 2, 3 1, 2, 3 4.8 11.1 14.0 5.2 12.9 15.8 v input current i in i out = minimum rated, pin 3 open pin 3 shorted to pin 2 (disabled) 1, 2, 3 1, 2, 3 250 8 ma output ripple note 2 v rip v in = 19 v, 28v, 50 v i out = 3000ma main, 500ma dual 1, 2, 3 100 mv p-p input ripple note 2 i rip v in = 19 v, 28v, 50 v i out = 3000ma main, 500ma dual 1, 2, 3 150 ma p-p switching frequency f s synchronization pin (pin 6) open 4, 5, 6 225 275 khz efficiency eff i out = 800ma main, 500ma dual 1 2, 3 80 78 % power dissipation, load fault p d short circuit, any output 1, 2, 3 7.5 w output response to step load changes notes 3, 5 v tl 10% load to/from 50% load 50% load to/from 100% load 4, 5, 6 4, 5, 6 -200 -200 200 200 mv pk recovery time from step load changes notes 5, 6 t tl 10% load to/from 50% load 50% load to/from 100% load 4, 5, 6 4, 5, 6 200 200 s turn on overshoot v os (main) i out = minimum and full rated (dual) 4, 5, 6 4, 5, 6 500 1500 mv turn on delay note 7 t dly i out = minimum and full rated 4, 5, 6 5 20 ms isolation iso 500vdc input to output or any pin to case (except pin 12) 1 100 m ?
www.irf.com 5 art28xxt series radiation performance the radiation tolerance characteristics inherent in the art28xxt converter are the direct result of a carefully planned ground-up design program with specific radiation design goals. after identification of the general circuit to- pology, a primary task of the design effort was selection of appropriate elements from the list of devices for which extensive radiation effects data was available. by impos- ing sufficiently large margins on those electrical param- eters subject to the degrading effects of radiation, design- ers were able to select appropriate elements for incorpo- ration into the circuit. known radiation data was utilized for input to pspice and radspice in the generation of circuit performance verification analyses. thus, electrical per- formance capability under all environmental conditions in- cluding radiation was well understood before first applica- tion of power to the inputs. a principal design goal was a converter topology that, be- cause of large design margins, had radiation performance essentially independent of normal elemental lot radiation completion of first article fabrication, screening and stan- dard environmental testing was followed by radiation test- ing to confirm design goals. all design goals were met handily and in most cases exceeded by large margin. these test samples were built with elements that, with the foregoing exceptions, were not screened for radiation char- acteristics. additional radiation tests on subsequent art28xxt manufacturing lots provide continued confir- mation of the soundness of the design goals as well as justification for the element selection criteria. the following table specifies guaranteed minimum radia- tion exposure levels tolerated while maintaining specifica- tion limits. performance variations. in the few instances where such margins were not assured, element lots were selected from which die were fabricated (and characterized) as radiation hard devices so that realization of the design goals could be assured. radiation specification t case = 25c test conditions min typ max unit total ionizing dose (2:1 margin) mil-std-883, method 1019.4 operating bias applied during exposure 100 500 krads (si) dose rate temporary saturation survival mil-std-883, method 1021 1e8 1e11 rads (si)/sec neutron fluence mil-std-883, method 1017.2 3e12 neutron /cm2 heavy ions (single event effects) bnl tandem van de graaff generator 83 mev cm2/mg
6 www.irf.com art28xxt series art28xxt circuit description figure i. art block diagram circuit description and application information sam p le hold +vout dual return -vout dual +5 return short circuit pulse width modulator primar y bias & reference emi filter under-volta g e detector +in p ut enable s y nc in p ut return the art28xxt series of converters have been designed using a single ended forward switched mode converter topology. (refer to figure i.) single ended topologies enjoy some advantage in radiation hardened designs in that they eliminate the possibility of simultaneous turn on of both switching elements during a radiation induced upset; in addition, single ended topologies are not subject to trans- former saturation problems often associated with double ended implementations. the design incorporates an lc input filter to attenuate input ripple current. a low overhead linear bias regulator is used to provide bias voltage for the converter primary control logic and a stable, well regulated reference for the error amplifier. output control is realized using a wide band discrete pulse width modulator control circuit incor- porating a unique non-linear ramp generator circuit. this circuit helps stabilize loop gain over variations in line volt- age for superior output transient response. nominal con- version frequency has been selected as 250 khz to maxi- mize efficiency and minimize magnetic element size. output voltages are sensed using a coupled inductor and a patented magnetic feedback circuit. this circuit is rela- tively insensitive to variations in temperature, aging, ra- diation and manufacturing tolerances making it particu- larly well suited to radiation hardened designs. the control logic has been designed to use only radiation tolerant com- ponents, and all current paths are limited with series re- sistance to limit photo currents. other key circuit design features include short circuit pro- tection, undervoltage lockout and an external synchroni- zation port permitting operation at an externally set clock rate. the circuit topology used for regulating output voltages in the art28xxt series of converters was selected for a number of reasons. significant among these is the ability to simultaneously provide adequate regulation to each output voltage while maintaining modest circuit complexity. these attributes were fundamental in retaining the high reliability and insensitivity to radiation that characterizes device performance. use of this topology dictates that the user maintain a minimum load on each output as specified in the electrical tables. attempts to operate any output without a load will result in peak charging to a voltage level well above the specified voltage regulation limits, poten- tially in excess of ratings, and should be avoided. in most practical applications, this lower bound on the load range does not present a serious constraint. output loads that are lighter than the specified minimums will result in regu- lation performance exceeding the limits presented in the specification tables. regulation curves illustrating repre- sentative performance characteristics are shown in fig- ures vii, viii and ix. operating guidelines thermal considerations the art series of converters is capable of providing rela- tively high output power from a package of modest vol- ume. the power density exhibited by these devices is obtained by combining high circuit efficiency with effective methods of heat removal from the die junctions. good design practices have effectively addressed this require- ment inside the device. however when operating at maxi- mum loads, significant heat generated at the die junctions must be carried away by conduction from the base. to maintain case temperature at or below the specified maxi- mum of 125c, this heat can be transferred by attachment
www.irf.com 7 art28xxt series to an appropriate heat dissipater held in intimate contact with the converter base-plate. effectiveness of this heat transfer is dependent on the intimacy of the baseplate-heatsink interface. it is there- fore suggested that a heat transferring medium possess- ing good thermal conductivity is inserted between the baseplate and heatsink. a material utilized at the factory during testing and burn-in processes is sold under the trade name of sil-pad ? 400 1 . this particular product is an insulator but electrically conductive versions are also avail- able. use of these materials assures optimum surface contact with the heat dissipater by compensating for mi- nor surface variations. while other available types of heat conducting materials and thermal compounds provide simi- lar effectiveness, these alternatives are often less conve- nient and are frequently messy to use. a conservative aid to estimating the total heat sink surface area (a heat sink ) required to set the maximum case tem- perature rise ( ? t) above ambient temperature is given by the following expression: a heat sink ? ? ? ? ? ? ? ? ? t p 80 594 085 143 . . . ? t pp eff out = ==? ? ? ? ? ? ? case temperature rise above ambient device dissipation in watts 1 1 where as an example, assume that it is desired to maintain the case temperature of an ART2815T at +65c or less while operating in an open area whose ambient temperature does not exceed +35c; then ? t = 65 - 35 = 35c from the specification table, the worst case full load effi- ciency for this device is 80%; therefore the maximum power dissipation at full load is given by () p =? ? ? ? ? ? ? ? =? = 30 1 80 13002575 . ..w and the required heat sink area is a = 35 80 7.5 in heat sink 0.85 ? ? ? ? ? ? ? ?= ? 143 2 594 318 . .. 1 sil-pad is a registered trade mark of bergquist, minneapolis, mn thus, a total heat sink surface area (including fins, if any) of approximately 32 in 2 in this example, would limit case rise to 35c above ambient. a flat aluminum plate, 0.25" thick and of approximate dimension 4" by 4" (16 in 2 per side) would suffice for this application in a still air environ- ment. note that to meet the criteria, both sides of the plate require unrestricted exposure to the ambient air. inhibiting converter output as an alternative to application and removal of the dc voltage to the input, the user can control the converter output by providing an input referenced, ttl compatible, logic signal to the enable pin 3. this port is internally pulled ?high? so that when not used, an open connection on the pin permits normal converter operation. when inhibited outputs are desired, a logical ?low? on this port will shut the converter down. an open collector device capable of sink- ing at least 100 a connected to enable pin 3 will work well in this application. figure ii. enable input equivalent circuit a benefit of utilization of the enable input is that following initial charge of the input capacitor, subsequent turn-on commands will induce no uncontrolled current inrush. 5k 2n2907a 150k enable input input return 150k 2n2222a 2n2222a v in 64k 186k 150k 5.6 v converter inhibit is initiated when this transistor is turned off
8 www.irf.com art28xxt series figure iii. synchronization input equivalent circuit 5k 2n2907a 5k 47pf sync input input return +10v protection against accidental short circuits on any output is provided in the art28xxt converters. this protection is implemented by sensing primary switching current and, when an over-current condition is detected, switching ac- tion is terminated and a restart cycle is initiated. if the short circuit condition has not been cleared by the time the restart cycle has completed, another restart cycle is initi- ated. the sequence will repeat until the short circuit con- dition is cleared at which time the converter will resume normal operation. the effect is that during a shorted con- dition, a series of narrow pulses are generated at approxi- mately 5% duty cycle which periodically sample the state of the load. thus device power dissipation is greatly re- duced during this mode of operation. output short circuit protection parallel operation although no special provision for forced current sharing has been incorporated in the art28xxt series, multiple units may be operated in parallel for increased output power applications. the 5 volt outputs will typically share to within approximately 10% of their full load capability and the dual (15 volt) outputs will typically share to within 50% of their full load. load sharing is a function of the individual imped- ance of each output and the converter with the highest nominal set voltage will furnish the predominant load cur- rent. a minimum voltage is required at the input of the converter to initiate operation. this voltage is set to a nominal value of 16.8 volts. to preclude the possibility of noise or other variations at the input falsely initiating and halting con- verter operation, a hysteresis of approximately 1.0 volts is incorporated in this circuit. the converter is guaranteed to operate at 19 volts input under all specified conditions. input undervoltage protection input filter to attenuate input ripple current, the art28xxt series converters incorporate a single stage lc input filter. the elements of this filter comprise the dominant input load impedance characteristic, and therefore determine the nature of the current inrush at turn-on. the input filter circuit elements are as shown in figure iv. + input input return 3.6 h 5.4 fd 10 ? figure iv. input filter circuit synchronization when using multiple converters, system requirements may dictate operating several converters at a common sys- tem frequency. to accommodate this requirement, the art28xxt type converter provides a synchronization input port (pin 4). circuit topology is as illustrated in figure iii. the sync input port permits synchronization of an art converter to any compatible external frequency source operating in the band of 225 to 310 khz. the synchroniza- tion input is edge triggered with synchronization initiated on the negative transition. this input signal should be a negative going pulse referenced to the input return and have a 20% to 80% duty cycle. compatibility requires the negative transition time to be less than 100 ns with a mini- mum pulse amplitude of +4.25 volts referred to the input return. in the event of failure of an external synchroniza- tion source, the converter will revert to its own internally set frequency. when external synchronization is not de- sired, the sync in port may be left open (unconnected) permitting the converter to operate at its? own internally set frequency.
www.irf.com 9 art28xxt series additional filtering figure v. external input emi filter although internal filtering is provided at both input and out- put terminals, some applications may require additional filtering in order to accommodate system requirements. while the internal input filter of figure iv. keeps input ripple current below 100 ma p-p , an external filter may be applied to further attenuate this ripple to a level below the ce03 limits imposed by mil-std-461b. figure v. describes a filter providing that attenuation. this circuit shown in figure v has been constructed on copper clad board using the materials listed and tested in the laboratory. an external filter may also be added to the output where circuit requirements dictate extremely low output ripple noise. the output filter described by figure vi has been characterized with the ART2815T using the values shown in the associated material list. it is important to be aware that when filtering high fre- quency noise, parasitic circuit elements can easily domi- nate filter performance. therefore, it is incumbent on the designer to exercise care when preparing a circuit layout for such devices. wire runs and lengths should be mini- mized, high frequency loops should be avoided and care- ful attention paid to the construction details of magnetic circuit elements. tight magnetic coupling will improve overall magnetic performance and reduce stray magnetic fields. +5 v 5v return +15v 15v return -15v +5v out +5v return +15v out 15v return -15v out c1 c2 c3 c4 c5 c6 c7 c8 l1 l2 l4 l3 l1 7 turns awg21 bifilar on mag inc. core pn yj-41305-tc or equivalent. l2 7 turns awg24 trifilar on mag inc. core pn yj-41305-tc or equivalent. l3 4 turns awg21 on mag inc. core pn mpp55048 or equivalent. l4 5 turns awg21 bifilar on mag inc. core pn mpp55048 or equivalent. c1-c5 2200pf type ckr ceramic capacitor. c6 170f, 15v m39006/22-0514 tantalum. c7, c8 25f, 50v m39006/22-0568 tantalum. figure vi. external output filter measurement techniques can impose a significant influ- ence on results. all noise measurements should be mea- sured with test leads as close to the device output pins as physically possible. probe ground leads should be kept to a minimum length.
10 www.irf.com art28xxt series performance characteristics (typical @ 25c) 50 55 60 65 70 75 80 85 0 5 10 15 20 25 30 35 output power (w atts) efficiency (%) 18v 28v 50v figure vii. efficiency vs output power for three line voltages. figure viii. 5 v output regulation limits including all conditions of line, load and cross regulation. 4.7 4.8 4.9 5.0 5.1 5.2 0.0 0.5 1.0 1.5 2.0 2.5 3.0 out p ut current ( am p s ) output voltag e upper limit lower limit
www.irf.com 11 art28xxt series figure ix. 15 v regulation curves for three conditions of load on the 5 volt output. performance characteristics (typical @ 25c) (continued) figure x. cross regulation curves 5 volt output as a function of 15 volt load current for three 5 volt loads. 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 0 0.1 0.2 0.3 0.4 0.5 0.6 15 volt load current output voltage 5v load = 150ma 5v load = 1.5a 5v load = 3.0a 14.0 15.0 16.0 17.0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 output current (each output) output voltage (magnitude) 5v load = 3.0a 5v load = 1.5a 5v load = 150 ma
12 www.irf.com art28xxt series art28xxt physical & interface characteristics art28xxt case outline 5 4 3 2 1 8 9 10 11 12 13 14 2.400 1.400 2.700 0.150 3.25 ref. max 6 x 0.200 = 1.200 1.675 2.200 0.300 0.263 ? 0.136 - 6 holes 0.375 1.950 0.138 0.500 max mountin g plane 0.040 pin dia. 0.050 flan g e 0.275 0.240 note: 1. dimensions are in inches. 2. base plate mounting plane flatness 0.003 maximum. 3. unless otherwise specified, tolerances are = 2 .xx = .01 .xxx = .005 4. device weight - 120 grams maximum. pin # signal 1 + v input 2 input return 3 enable 4 sync in 5 no connection 8 no connection 9 - 15 vdc output 10 15 vdc output return 11 + 15 vdc output 12 chassis 13 + 5 vdc output 14 5 vdc output return pin designation part numbering art 28 15 t / em model input voltage 28 = 28v 100 = 100v outputs t = triple output voltages 15 = 5v, 15v 12 = 5v, 12v screening level n o suffix = f light /em = engineering radiation performance not specified for /em screened device type. note:
www.irf.com 13 art28xxt series world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 advanced analog: 2270 martin av., santa clara, california 95050, tel: (408) 727-0500 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 09/02 standard process screening for art28xxt series standard periodic & conformance inspections on art28xxt series requirement mil-std-883 method /em limits flight limits (class k) temperature range -55c to +125c -55c to +125c element evaluation n/a mil-prf-38534 non-destructive bond pull 2023 n/a 100% internal visual 2017 ? ? temperature cycle 1010 ? cond c constant acceleration 2001, 500 g cond a pind 2020 n/a cond a burn-in interim electrical @ 160 hrs 1015 160 hrs @ 125c 320 hrs @ 125c (2 160 hrs) final electrical (group a) read & record data mil-prf-38534 & specification -55, +25, +125c -55, +25, +125c pda (25c, interim to final) n/a 2% radiographic inspection 2012 n/a ? seal, fine & gross 1014 ? cond a, c external visual 2009 ? ? inspection application quantity group a part of screening on each unit 100% group b each inspection lot *5 units group c first inspection lot or following class 1 change 10 units group d in line (part of element evaluation) * group b quantity for option 2 end of line qci. no group b samples reuired for option 1, in-line.


▲Up To Search▲   

 
Price & Availability of ART2815T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X